Part Number Hot Search : 
KTC5242 GS25E12 ST10F273 PE4074 14B101 2SD601 A52RA 25016
Product Description
Full Text Search
 

To Download RUP15050-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
GaN-SiC Broadband Amplifier
Product Features
* Solid-state linear amplifier design * GaN on SiC HEMT * Small and light weight * Wide Band Operation 500~2500MHz * 50 Ohm Input/Output impedance matched * Highly reliable and rugged design * Harsh environmental condition * High efficiency * 50W typical Psat
RUP15050-10
Application
* Broadband communication * Broadcasting * General purpose RF amplifier * Linear applications in the L/S Frequency Bands
Description
The RUP15050-10 is designed for RF system application frequencies from 500MHz to 2.5GHz. This Pallet Amplifier uses GaN on SiC HEMT technology which performs high breakdown voltage, high linearity, wide bandwidth and high efficiency.
Electrical Specifications @ VDD=+28VDC, T=25C, 50 System
PARAMETER
Frequency Range Output Power CW Output Power @ P3dB G.C.P Small Signal Gain Small Signal Gain Flatness Input VSWR Harmonics @ P1dB G.C.P Spurious Signals Operating Voltage Supply Current @ P sat Supply Current @ P 3dB
Symbol
BW Psat P3dB SSG G S11 H Spur VDC IDD IDD
Min
500 30 10
Typ
Max
2500
Unit
MHz Watt Watt dB
50 30 11 1.5 2.0:1 2.0 2.5:1 -10 -70 -60 30 7 6
dB dBc dBc Volt Amp Amp
27
28 5.5 4.5
* Please DO NOT ENTER RF INPUT POWER OVER +39dBm. (to prevent the main from damaging)
Environmental Characteristics
PARAMETER
Operating Case Temperature Storage Temperature
Symbol
Tc Ts
Min
0 -40
Typ
Max
+70 +85
Unit
C C
Mechanical Specifications
PARAMETER
Dimensions ( L x W x H ) RF Connectors In/Out Cooling Value 100.0 x 50.0 x 16.0 SMA Female External Heat sink + airflow Units mm Limits Max
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 0.3
Preliminary
GaN-SiC Broadband Amplifier
Interface Connectors
Pin # 1 2 3 4 Vdd. Ref. Vgs. GND. Description +28 Drain Voltage
RUP15050-10
Specifications
+5V op-Amp Operate Voltage -5V Gate Voltage Ground
Outline Drawing
Vdd +5V -5V GND
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 0.3
Preliminary
GaN-SiC Broadband Amplifier
Typical Performance Chart @ 25C
RUP15050-10
RFHIC RUP15050-10 Test Result
P3 Output Power, Current, Efficiency Psat Output Power, Current, Efficiency
Freq. [MHz]
500 600 700 800 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500
Output [dBm]
45.87 44.93 44.66 42.76 41.81 42.97 42.97 47.6 47.61 46.82 45.93 45.85 44.96 45.03 46.69 45.97 46.73 46.58 45.89 47.38 47.6
Output [Watt]
38.64 31.12 29.24 18.88 15.17 19.82 19.82 57.54 57.68 48.08 39.17 38.46 31.33 31.84 46.67 39.54 47.10 45.50 38.82 54.70 57.54
Current [A]
2.73 2.24 2.45 2.65 2.67 3.27 3.29 4.75 4.65 4.14 3.77 3.79 3.50 3.65 4.43 4.20 4.68 4.79 4.98 5.62 4.67
Efficiency [%]
48.74 48.04 39.64 23.25 18.92 19.63 19.73 39.57 41.86 38.54 34.34 33.06 28.98 28.20 34.26 30.72 32.78 30.52 24.57 30.64 39.68
Output [dBm]
47.54 46.54 46.11 46.29 46.65 47.77 48.85 49.42 49.45 49.64 49.06 48.88 48.66 48.81 49.22 49.15 48.70 47.70 48.48 48.73 48.94
Output [Watt]
56.75 45.08 40.83 42.56 46.24 59.84 76.74 87.50 88.10 92.04 80.54 77.27 73.45 76.03 83.56 82.22 74.13 58.88 70.47 74.64 78.34
Current [A]
3.80 2.99 3.33 4.06 4.37 5.53 6.33 6.20 5.78 5.49 5.16 5.26 5.38 5.65 5.84 6.02 5.72 5.62 6.42 6.13 5.05
Efficiency [%]
48.29 48.34 35.03 29.40 30.32 29.09 34.66 43.91 47.76 52.31 45.94 42.16 37.92 37.33 42.08 40.07 37.47 29.16 31.33 34.85 43.26
RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders, employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC's liability under or arising out of damages, claims of whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC.
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 0.3
Preliminary
GaN-SiC Broadband Amplifier
Typical Performance Chart @ 25C
RUP15050-10
P3 & Ps at Power [W ] 100.00 90.00 80.00 70.00 60.00 50.00 40.00 30.00 20.00 10.00 0.00 500 700 900 1100 1300 1500 1700 1900 2100 P3 [W att] PSat [W att] 2300 2500
P3 & Ps at Efficiency [%] 60.00 50.00 40.00 30.00 20.00 10.00 0.00 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500 P3 [%] PSat [%]
P3 & Ps at Current [A] 7.00 6.00 5.00 4.00 3.00 2.00 1.00 0.00 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500 P3 Current Ps at Current
Tel : 82-31-250-5011 rfsales@rfhic.com
All specifications may change without notice. Version 0.3


▲Up To Search▲   

 
Price & Availability of RUP15050-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X